Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS732 Datasheet(PDF) 7 Page - SEC Electronics Inc.

Part # SS732
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732 Datasheet(HTML) 7 Page - SEC Electronics Inc.

Back Button SS732 Datasheet HTML 2Page - SEC Electronics Inc. SS732 Datasheet HTML 3Page - SEC Electronics Inc. SS732 Datasheet HTML 4Page - SEC Electronics Inc. SS732 Datasheet HTML 5Page - SEC Electronics Inc. SS732 Datasheet HTML 6Page - SEC Electronics Inc. SS732 Datasheet HTML 7Page - SEC Electronics Inc. SS732 Datasheet HTML 8Page - SEC Electronics Inc. SS732 Datasheet HTML 9Page - SEC Electronics Inc. SS732 Datasheet HTML 10Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
information regarding manufacturability of Hall IC with different soldering processes
classified and qualified regarding soldering technology, solderability and moisture sensitivity level according to
ethods:
Standard
Our products are
following test m
Reflow Soldering SMD’s (S
        
V2.00
May.1, 2012
                                                      
7
urface Mount Devices)
s according to table 5-2)
reconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing
efl
2)
Wave S
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices
(classification reflow profile
EIA/JEDEC JESD22-A113
P
(r ow profiles according to table
oldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EN6
o combined effect of moisture and soldering heat
EIA
Res
le mounted devices
Iro
0749-20
Resistance of plastic- encapsulated SMD’s t
/JEDEC JESD22-B106 and EN60749-15
istance to soldering temperature for through-ho
n Soldering THD’s (Through Hole Devices)
EN60749-15
es
g temperature for through-hole mounted devices
Soldera
R istance to solderin
bility SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
Sol
ES
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
EIA/JEDEC JESD22-B102 and EN60749-21
derability
D Precautions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com