Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-PI004 Datasheet(PDF) 7 Page - alpha microelectronics gmbh

Part # AMG-PI004
Description  H-Bridge/Full Bridge Array of P and N channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PI004 Datasheet(HTML) 7 Page - alpha microelectronics gmbh

Back Button AMG-PI004 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 11Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AMG-PI004
H-Bridge/Full Bridge Array of P and N channel MOSFETs
8.3. P-Channel Electrical Characteristics
Tj = 25°C unless otherwise noted
#
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Off Characteristics
1
BVDSS
Drain-Source Breakdown
VGS=0V , ID=250uA
-60
-
-
V
2
△BVDSS
/
△TJ
BVDSS Temp. Coefficient
Reference to 25
℃ ,
ID=-1mA
-
-0.03
-
V/
3
IDSS
Drain-Source Leakage
Current
VDS=-48V , VGS=0V, TJ=25
-
-
1
uA
VDS=-48V , VGS=0V, TJ=55
-
-
5
4
IGSS
Gate-Source Leakage
VGS=±20V, VDS=0V
-
-
±100
nA
On Characteristics
1
VGS(th)
Gate Threshold Voltage
VGS=VDS, ID =-250uA
-1.5
-
-3.0
V
2
△VGS(th)
VGS(th) Temp. Coefficient
-
4.56
-
mV/
3
RDS(ON)
Static Drain-Source On-
Resistance²
VGS=-10V , ID=-4A
-
60
80
VGS=-4.5V , ID=-3A
-
73
90
4
gfs
Forward Transconductance
VDS=-5V , ID=-3A
-
15
-
S
Dynamic Characteristics
1
Ciss
Input Capacitance
VDS=-15V, VGS=0V,
f=1MHz
-
1447
-
pF
2
Coss
Output Capacitance
-
97.3
-
3
Crss
Reverse Transfer
Capacitance
-
70
-
Switching Characteristics
1
Rg
Gate Resistance
VDS=0V, VGS=0V, f=1MHz
-
21
42
Ω
2
Qg
Total Gate Charge (-4.5)
VDS=-48V, VGS=-4.5V,
ID=-3A
-
9.86
-
nC
3
Qgs
Gate-Source Charge
-
3.08
-
4
Qgd
Gate Charge
-
2.95
-
5
Td(on)
Turn-On Delay Time
VDD=-15V, VGS=-10V ,
RG=3.3Ω ID=-1A
-
28.8
-
ns
6
Tr
Rise Time
-
19.8
-
7
Td(off)
Turn-Off Delay Time
-
60.8
-
8
Tf
Fall Time
-
7.2
-
Drain- Diode Characteristics and Maximum Ratings
1
Is
Continuous Source Current1,6 VG=VD=0V,
Force Current
-
-
-4.2
A
2
ISM
Pulsed Source Current2,6
-
-
-10.5
A
3
VSD
Diode Forward Voltage²
VGS=0V , IS-1A , TJ=25
-
-
-1.2
V
Note(s):
1. The data tested by surface mounted on a 1 inch² FR-4 with 2OZ copper.
AMG-PI004
Revision: B
06.11.12
© All rights reserved
Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com