Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 3Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 4Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 5Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 6Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
7 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
6.2 Pin description
The pin description table Table 3 shows the pin functions that are fixed to specific pins on
each package. These fixed-pin functions are selectable between the GPIO, comparator,
SWD, and the XTAL pins. By default, the GPIO function is selected except on pins
PIO0_2, PIO0_3, and PIO0_5. JTAG functions are available in boundary scan mode only.
Movable function for the I2C, USART, SPI, and SCT pin functions can be assigned
through the switch matrix to any pin that is not power or ground in place of the pin’s fixed
functions.
The following exceptions apply:
For full I2C-bus compatibility, assign the I2C functions to the open-drain pins PIO0_11 and
PIO0_10.
Do not assign more than one output to any pin. However, more than one input can be
assigned to a pin.
Pin PIO0_4 triggers a wake-up from Deep power-down mode. If you need to wake up
from Deep power-down mode via an external pin, do not assign any movable function to
this pin.
The JTAG functions TDO, TDI, TCK, TMS, and TRST are selected on pins PIO0_0 to
PIO0_4 by hardware when the part is in boundary scan mode.
Table 3.
Pin description table (fixed pins)
Symbol
Type Reset
state
[1]
Description
PIO0_0/ACMP_I1/
TDO
19
16
8
[5] I/O
I; PU
PIO0_0 — General purpose digital input/output port 0 pin 0.
In ISP mode, this is the USART0 receive pin U0_RXD.
In boundary scan mode: TDO (Test Data Out).
AI
-
ACMP_I1 — Analog comparator input 1.
PIO0_1/ACMP_I2/
CLKIN/TDI
12
9
5
[5] I/O
I; PU
PIO0_1 — General purpose digital input/output pin. ISP entry
pin. A LOW level on this pin during reset starts the ISP command
handler.
In boundary scan mode: TDI (Test Data In).
AI
-
ACMP_I2 — Analog comparator input 2.
I-
CLKIN — External clock input.
SWDIO/PIO0_2/TMS 7
6
4
[2] I/O
I; PU
SWDIO — Serial Wire Debug I/O. SWDIO is enabled by default
on this pin.
In boundary scan mode: TMS (Test Mode Select).
I/O
-
PIO0_2 — General purpose digital input/output pin.
SWCLK/PIO0_3/
TCK
65
3
[2] I/O
I; PU
SWCLK — Serial Wire Clock. SWCLK is enabled by default on
this pin.
In boundary scan mode: TCK (Test Clock).
I/O
-
PIO0_3 — General purpose digital input/output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com