Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC06AS14-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC06AS14-13
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC06AS14-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC06AS14-13 Datasheet HTML 1Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 2Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 3Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 4Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 5Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 6Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 7Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 8Page - Diodes Incorporated 74LVC06AS14-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LVC06A
Document number: DS35259 Rev. 4 - 2
3 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC06A
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +6.5
V
VI
Input Voltage Range
-0.5 to +6.5
V
VO
Voltage applied to output in high impedance or IOFF state
-0.5 to +6.5
V
VO
Voltage applied to output in high or low state
-0.3 to VCC +0.5
V
IIK
Input Clamp Current
VI < 0
-50
mA
IOK
Output Clamp Current
VO < 0
-50
mA
IO
Continuous Output Current
50
mA
Continuous current through Vdd or GND
±100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
1.65
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
Active Mode
0
VCC
V
VCC = 0V; Power Down Mode
0
5.5
V
Δt/ΔV
Input transition rise or fall rate
VCC = 1.65V to 2.7V
20
ns/V
VCC = 2.7V to 5.5V
10
TA
Operating free-air temperature
-40
+125
°C
Notes:
5. Unused inputs should be held at VCC or Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com