Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM-231 Datasheet(PDF) 2 Page - Sony Corporation

Part # DM-231
Description  Magnetoresistance Element
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

DM-231 Datasheet(HTML) 2 Page - Sony Corporation

  DM-231 Datasheet HTML 1Page - Sony Corporation DM-231 Datasheet HTML 2Page - Sony Corporation DM-231 Datasheet HTML 3Page - Sony Corporation DM-231 Datasheet HTML 4Page - Sony Corporation DM-231 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
—2—
DM-231
Equivalent Circuit
1
VCC
RD
RA
RB
RC
2
3
4
GND
VB
VA
Basic Performance
1) Operation principle
∗ Device internal structure
(Back of mark face)
RA
RD
1
2
3
4
RB
RC
External magnetic field H
Bias magnetic field
H=14400A/m
Synthetic magnetic field (b)
External magnetic field H
Synthetic
magnetic field (a)
Bias magnetic field
1
2
3
4
2) Power supply pin and output pin
3) Sensitivity direction
231
1
3
2
4
1
VCC
Out put
Differential amplifier
GND
2
4
3
Sensitive
Non-Sensitive
Various resistances change according to the direction of
the combnied bias and external magnetic field.
¡) When the direction of the synthetic magnetic field is (a),
RA,RC : Maximum resistance
RB,RD : Minimum resistance
¡¡) When the direction of the synthetic magnetic field is (b),
RA,RC : Minimum resistance
RB,RD : Maximum resistance
The ferromagnetic magnetoresistance element differs
from the semiconductor magnetoresistance element and
hole element in that it responds only to the magnetic
field within the element's surface. It is not sensitive to
the magnetic field perpendicular to the element.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com