Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC08A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC08A
Description  QUADRUPLE 2-INPUT AND GATES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC08A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC08A Datasheet HTML 1Page - Diodes Incorporated 74LVC08A Datasheet HTML 2Page - Diodes Incorporated 74LVC08A Datasheet HTML 3Page - Diodes Incorporated 74LVC08A Datasheet HTML 4Page - Diodes Incorporated 74LVC08A Datasheet HTML 5Page - Diodes Incorporated 74LVC08A Datasheet HTML 6Page - Diodes Incorporated 74LVC08A Datasheet HTML 7Page - Diodes Incorporated 74LVC08A Datasheet HTML 8Page - Diodes Incorporated 74LVC08A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC08A
Document number: DS35261 Rev. 3 - 2
1 of 10
www.diodes.com
June 2012
© Diodes Incorporated
74LVC08A
QUADRUPLE 2-INPUT AND GATES
Description
The 74LVC08A provides four independent 2-input AND gates. The
device is designed for operation with a power supply range of 1.65V
to 5.5V. The inputs are tolerant to 5.5V allowing this device to be
used in a mixed voltage environment. The device is fully specified for
partial power down applications using IOFF.
The IOFF circuitry
disables the output preventing damaging current backflow when the
device is powered down.
The gates perform the positive Boolean function:
B
A
Y
•
=
or
B
A
Y
+
=
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
Sinks 24mA at VCC = 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs or outputs accept up to 5.5V
•
Inputs can be driven by 3.3V or 5.5V allowing for voltage
translation applications.
•
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
•
Latch-Up Exceeds 250 mA per JESD 78, Class II
•
Range of Package Options SO-14 and TSSOP-14
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
 
Pin Assignments
1
3
2
4
5
6
7
1A
1Y
1B
2A
2B
2Y
GND
13
14
12
11
10
9
8
4B
4Y
4A
3B
3A
3Y
Vcc
(Top View )
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
PCs, networking, notebooks, ultrabooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC08A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC08A PHILIPS-74LVC08A Datasheet
85Kb / 8P
Quad 2-input AND gate
1997 Jun 30
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
Feb-2002
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
256Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC08A NEXPERIA-74LVC08A Datasheet
234Kb / 12P
Quad 2-input AND gate
Rev. 9 - 17 September 2021
More results

Similar Description - 74LVC08A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Diodes Incorporated
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
QUADRUPLE 2-INPUT AND GATES
Rev 1
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74HC08 DIODES-74HC08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHC08 DIODES-74AHC08 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
UT54ACS08E AEROFLEX-UT54ACS08E Datasheet
127Kb / 10P
Quadruple 2-Input AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com