Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC06AT14 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC06AT14
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC06AT14 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC06AT14 Datasheet HTML 1Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 2Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 3Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 4Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 5Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 6Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 7Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 8Page - Diodes Incorporated 74LVC06AT14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC06A
Document number: DS35259 Rev. 4 - 2
1 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC06A
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Description
The 74LVC06A provides six independent open-drain inverter buffers.
The device is designed for operation with a power supply range of
1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to
be used in a mixed voltage environment. The device is fully specified
for partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow when the
device is powered down. The outputs can be connected to implement
active-low wired-OR or active-high wired-AND functions.
The gates perform the positive Boolean function:
A
Y
=
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
Sinks 24mA at VCC = 3.3V
•
CMOS Low Power Consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs or Outputs Accept Up to 5.5V
•
Inputs Can be Driven by 3.3V or 5.5V Allowing for Voltage
Translation Applications.
•
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
•
Latch-Up Exceeds 250mA per JESD 78, Class II
•
Range of Package Options SO-14 and TSSOP-14
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
 
Pin Assignments
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
PCs, networking, notebooks, ultrabooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC06AT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
Hex inverter with open-drain outputs
2000 Mar 07
logo
ON Semiconductor
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
74LVC06A ONSEMI-74LVC06A Datasheet
94Kb / 7P
Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
More results

Similar Description - 74LVC06AT14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
Texas Instruments
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 1
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com