Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXW Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # TXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS TXW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TXW Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  TXW Datasheet HTML 1Page - RUBYCON CORPORATION TXW Datasheet HTML 2Page - RUBYCON CORPORATION TXW Datasheet HTML 3Page - RUBYCON CORPORATION TXW Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
TXW
SERIES
TXW
◆SPECIFICATIONS
Items
Characteristics
−25∼+105℃
160∼450V.DC
−40∼+105℃
35∼100V.DC
±20%
(20℃,
120Hz)
I=3 CV (After 5 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.12
35
0.10
50
0.09
63
0.08
80
0.08
100
0.20
160∼400
0.25
420∼450
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value. Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripplle current at conditions stated in the table below at 105℃, the capacitors shall meet the following requirements.
105℃ Long Life(7000∼10000 hours), Miniaturized
◆FEATURES
・Load Life : 105℃ 7000-10000 hours.
・Body diameter of φ6.3 to φ18mm with high ripple current capability.
・RoHS compliance.
I=0.01CV or 3μA whichever is greater. (After 2minites)
Rated Voltage
(V)
Z
(−25℃)
/Z
(20℃)
Z
(−40℃)
/Z
(20℃)
35
2
3
50
2
3
63
2
3
80
2
3
100
2
3
160∼250
3
−
350∼450
8
−
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
TXW
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
33μF
39∼270μF
330∼680μF
820∼1800μF
 Frequency Coefficient
(35∼100WV)
(160∼450WV)
◆OPTION
PET Sleeve
EFC
Code
35∼100V.DC
160∼450V.DC
Life Time
(hrs)
φ6.3
φD≧8
7000
10000
Case Size
120
0.42
0.50
0.55
0.60
1k
0.70
0.73
0.77
0.80
10k
0.90
0.92
0.94
0.96
100k≦
1.00
1.00
1.00
1.00
Frequency
(Hz)
Coefficient
160∼250WV
350∼450WV
60
(50)
0.80
0.80
120
1.00
1.00
500
1.20
1.25
10k≦
1.40
1.50
1k
1.30
1.40
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)


Similar Part No. - TXW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TXW RUBYCON-TXW Datasheet
204Kb / 4P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
TXW_SERIES RUBYCON-TXW_SERIES Datasheet
141Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TXW

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com