Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-820I Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-820I
Description  LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-820I Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-820I Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-820I Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-820
I
Ordering Information
Part Number
Chipset
Memory
GbE LAN
IPMI
ASMB-820
I-00A1E
C602J
DDR3 Non-ECC,
ECC UNB, ECC-REG
3
(1 dedicated
for IPMI)
Yes
ASMB-820-00A1E
C602J
DDR3 Non-ECC,
ECC UNB, ECC-REG
2
None
Bracket View
ASMB-820I-00A1E
ASMB-820-00A1E
Packing List
Part Number
Description
Quantity
2066820I00
Driver CD
x 1
2006820I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
1960052312T000
I/O shield
x 1
Optional Accessories
Part Number
Description
PCA-AUDIO-HDA1E
HD Audio-card
PCA-TPM-00A1E
TPM Module
1960055362N011
LGA1356 CPU cooler for 2U/4U chassis
1960057212N001
LGA1356 CPU heatsink for 1U chassis
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1701090401
COM port cable with bracket
1960057212N001
LGA1356 1U CPU Cooler
19Z0000406T000
Rear I/O shield for ACP-1320 chassis
Note: Please order 1 piece of each 1960057212N001 and 19Z0000406T000 for configuring
ASMB-820 with ACP-1320 chassis.
PCIE x16 slot(x16 link)-6
PCIE x16 slot(x8 link)-4
CMC
Intel E5-2400 series
processor
DDR3 1066/1333/1600 x2
CMB
DDR3 1066/1333/1600 x2
CMA
DDR3 1066/1333/1600 x2
Intel C602J PCH
PCIE x4 slot(x4 link)-3
PCIE x1 slot(x1 link)-5
PCI slot-1, 2
33 MHz
TPM(Optional)
SPI BIOS
Intel82579LM
GbE PHY
RJ45
Intel82574
RJ45
12 USB port
(4*REAR;6*ONBOARD;2*TYPE-A)
ASPEED AST2300
RJ45
VGA
Realtek
8201EL
2*SATA III
4*SATA II
LPC Conn
Super I/O
NCT6776F
CASE OPEN
5*FAN
2*COM PORT
PS/2 KB,MS
LPT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com