| Electronic Components Datasheet Search |
|
5000 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5000 Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 68 page ![]() www.ti.com Overview 2 Overview 2.1 Introduction The ADS1299EEG-FE is intended for evaluating the ADS1299 low-power, low noise 24-bit, simultaneously sampling, eight-channel front-end for EEG applications. The digital SPI™ control interface is provided by the MMB0 Modular EVM motherboard (Rev. D or higher) that connects to the ADS1299EEG FE evaluation board (Rev A). The ADS1299EEG-FE (see Figure 1) is NOT a reference design for EEG applications; rather, its purpose is to expedite evaluation and system development. The output of the ADS1299 yields a raw, unfiltered EEG signal. The MMB0 motherboard allows the ADS1299EEG-FE to be connected to the computer via an available USB port. This manual shows how to use the MMB0 as part of the ADS1299EEG-FE, but does not provide technical details about the MMB0 itself. Throughout this document, the abbreviation EVM and the term evaluation module are synonymous with the ADS1299EEG-FE. 2.2 Supported Features Hardware Features: • Configurable for bipolar or unipolar supply operation • Configurable for internal and external clock and reference via jumper settings • Configurable for dc-coupled inputs • External bias electrode drive • Option to provide a common reference to all channels negative terminals. • Option to select any electrode as reference electrode • Option to choose any electrode as bias electrode • External shield drive amplifier Software Features: • Analysis tools including a virtual oscilloscope, histogram, FFT. • Data export for post-processing of raw EEG data 2.3 Features Not Supported in Current Version NOTE: The following features are NOT SUPPORTED by the current version of the evaluation kit. • Real-time data processing • AC lead-off detection filters 2.4 ADS1299EEG-FE Hardware Figure 1 shows the hardware included in the ADS1299EEG-FE kit. Contact the factory if any component is missing. Also, it is highly recommended that you check the TI website at http://www.ti.com to verify that you have the latest software. 5 SLAU443 – May 2012 EEG Front-End Performance Demonstration Kit Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |