Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX062AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX062AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX062AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX062AL Datasheet HTML 1Page - Sony Corporation ICX062AL Datasheet HTML 2Page - Sony Corporation ICX062AL Datasheet HTML 3Page - Sony Corporation ICX062AL Datasheet HTML 4Page - Sony Corporation ICX062AL Datasheet HTML 5Page - Sony Corporation ICX062AL Datasheet HTML 6Page - Sony Corporation ICX062AL Datasheet HTML 7Page - Sony Corporation ICX062AL Datasheet HTML 8Page - Sony Corporation ICX062AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
ICX062AL
Item
Readout clock voltage
VVT
VVH1, VVH2,
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
I VVH1 – VVH2I
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGL
V
φSUB
14.5
–0.6
8.9
–0.5
–0.5
6.0
–4.0
6.0
0
27.0
15.0
–9.6
15.5
0
0.2
0
0
0.8
1.0
0.8
0.8
8.0
–3.5
13.0
3.0
32.0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
2
3
3
3
3
4
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
∗1
∗2
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Vertical transfer
clock voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
∗1 The reset gate clock voltage need not be adjusted when the reset gate clock is driven when the
specifications are as given below. In this case, the reset gate clock voltage setting indicated on the back of
the image sensor has not significance.
Item
Reset gate clock
voltage
Symbol
VRGL
V
φRG
–0.2
8.5
0
9.0
0.2
9.5
V
V
3
3
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
Clock Voltage Conditions
∗2 The electronic shutter speed must be between 1/60 and 1/2000s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com