Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC810
Description  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC810 Datasheet HTML 4Page - NXP Semiconductors LPC810 Datasheet HTML 5Page - NXP Semiconductors LPC810 Datasheet HTML 6Page - NXP Semiconductors LPC810 Datasheet HTML 7Page - NXP Semiconductors LPC810 Datasheet HTML 8Page - NXP Semiconductors LPC810 Datasheet HTML 9Page - NXP Semiconductors LPC810 Datasheet HTML 10Page - NXP Semiconductors LPC810 Datasheet HTML 11Page - NXP Semiconductors LPC810 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LPC Command
NXP’s LPC Command application processors provide an ideal low-cost platform for running the Linux operating system. Based on the ARM9 core, LPC Command products provide an extensive set of
peripherals and are designed for general purpose and specialty embedded applications such as high-speed document printers/scanners, industrial control, and motor control. This category includes
ARM9 based microcontrollers.
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC3100
LPC3154
192
4
1
1
1
1
3
2
3/10 b
•
•
157
•
•
180
1.2
1.8/2.8/3.3
F
TFBGA208
LPC3152 with a Decryption Engine & Secure Boot
LPC3152
192
4
1
1
1
1
3
2
3/10 b
•
•
157
•
•
180
1.2
1.8/2.8/3.3
F
TFBGA208
Stereo CODEC with Class-AB headphone amplifier, power supply unit, battery charger, unique
ID, OTP, HS USB 2.0 OTG with on-chip PHY, NAND Flash controller, MMC/SDHC/SDIO/CE-ATA,
6800/8080/serial LCD interface
LPC3143
192
4
1
1
1
2
4
2
4/10 b
•
•
97
•
•
270
1.2
1.8/2.8/3.3
F
TFBGA180
LPC3141 with a Decryption Engine & Secure Boot
LPC3141
192
4
1
1
1
2
4
2
4/10 b
•
•
97
•
•
270
1.2
1.8/2.8/3.3
F
TFBGA180
HS USB 2.0 OTG with on-chip PHY, NAND Flash controller, MMC/SDHC/SDIO/CE-ATA, 6800/8080
LCD interface, random number generator, unique ID, OTP
LPC3131
192
4
1
1
1
2
4
2
4/10 b
•
•
97
•
•
180
1.2
1.8/2.8/3.3
F
TFBGA180
LPC3130 with 192K SRAM, HS USB host/OTG/device
LPC3130
96
4
1
1
1
2
4
2
4/10 b
•
•
97
•
•
180
1.2
1.8/2.8/3.3
F
TFBGA180
HS USB 2.0 host/OTG/device with on-chip PHY, NAND Flash controller with 8-bit ECC, MMC/SDHC/
SDIO/CE-ATA, 6800/8080/serial LCD interface, random number generator
LPC3180/01
64
4
1
1
7
2
3
3/10 b
•
55
•
•
208
1.2
1.8/2.8/3.0
F
LFBGA320
VFP unit, NAND Flash, SDRAM/DDR, USB 2.0 FS host/OTG device
LPC3200
LPC3250
256
8
11
1
1
7
2
2
2
2
3/10 b
•
•
87
•
•
266/208 1.35/1.2 1.8/2.8/3.0
F
LFBGA296
VFP unit, NAND Flash, SRAM/SDRAM/DDR, USB 2.0 FS host/OTG/device, 24-bit color LCD controler
and touchscreen controller, keypad interface, and 0.9 V low-power mode
LPC3240
256
8
11
1
1
7
2
2
2
2
3/10 b
•
87
•
•
266/208 1.35/1.2 1.8/2.8/3.0
F
LFBGA296
VFP unit, NAND Flash, SRAM/SDRAM/DDR, USB 2.0 FS host/OTG/device, keypad interface, and
0.9 V low-power mode
LPC3230
256
8
11
1
7
2
2
2
2
3/10 b
•
•
87
•
•
266/208 1.35/1.2 1.8/2.8/3.0
F
LFBGA296
VFP unit, NAND Flash, SRAM/SDRAM/DDR, USB 2.0 FS host/OTG/device, 24-bit color LCD controler
and touchscreen controller, keypad interface, and 0.9 V low-power mode
LPC3220
128
8
11
1
7
2
2
2
2
3/10 b
•
87
•
•
266/208 1.35/1.2 1.8/2.8/3.0
F
LFBGA296
VFP unit, NAND Flash, SRAM/SDRAM/DDR, USB 2.0 FS host/OTG/device, keypad interface, and
0.9 V low-power mode
Temp. range options
F= -40 to +85 C
J= -40 to +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com