Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59PR9876N Datasheet(PDF) 16 Page - International Rectifier

Part # 59PR9876N
Description  USER GUIDE FOR IR3899 EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9876N Datasheet(HTML) 16 Page - International Rectifier

Back Button 59PR9876N Datasheet HTML 9Page - International Rectifier 59PR9876N Datasheet HTML 10Page - International Rectifier 59PR9876N Datasheet HTML 11Page - International Rectifier 59PR9876N Datasheet HTML 12Page - International Rectifier 59PR9876N Datasheet HTML 13Page - International Rectifier 59PR9876N Datasheet HTML 14Page - International Rectifier 59PR9876N Datasheet HTML 15Page - International Rectifier 59PR9876N Datasheet HTML 16Page - International Rectifier 59PR9876N Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
IRDC3899-P1V2
12/8/2011
16
STENCIL DESIGN
Figure 22: Stencil Pad Spacing (all dimensions in mm)
Stencils for PQFN can be used with thicknesses of 0.100-0.250mm (0.004-0.010"). Stencils thinner than
0.100mm are unsuitable because they deposit insufficient solder paste to make good solder joints with the
ground pad; high reductions sometimes create similar problems. Stencils in the range of 0.125mm-0.200mm
(0.005-0.008"), with suitable reductions, give the best results. Evaluations have shown that the best overall
performance is achieved using the stencil design shown in following figure. This design is for
a stencil thickness of 0.127mm (0.005").The reduction should be adjusted for stencils of other thicknesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com