Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  A 32-bit microcontroller designed for the 8-bit world
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC810M021FN8 Datasheet HTML 1Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP 30 MHz
32-bit Cortex-M0+ MCU
LPC800
Key features
4
ARMCortex-M0+™processor
– Upto30MHz
– BackwardcompatibilitytotheCortex-M0™
– UpwardscompatibilitywithCortex-M3™andCortex-M4™
– NestedVectoredInterruptController(NVIC)
– SerialWireDebug(SWD)andJTAGboundaryscanmodes
– MicroTraceBuffer(MTB)
– SingleCycleAccesstoallportpins
4
Memories:
– Upto16kBFlash(with64Bytepagesize)
– 4kBSRAM
4
SerialPeripherals
– ThreeUSARTinterfaces
– TwoSPIcontrollers
– OneI2C-businterface
4
Timers
– Multiple-channelmulti-ratetimer(MRT)
– StateConfigurableTimer(SCT)
– SelfWake-upTimer(WKT)clockedfromeithertheIRC
oralow-powerclocksource
– WindowedWatchdogtimer(WWDT)
– Systemticktimer
4
Analogperipherals
– Comparatorwithexternalvoltagereference
4
I/O
– SwitchmatrixforflexibleconfigurationofeachI/Opin
function
– Upto18General-PurposeI/O(GPIO)pins
– GPIOinterruptgenerationcapabilitywithboolean
pattern-matchingcapability
– Digitalglitchfilterwithprogrammabletimeconstant
4
ClockGenerationUnit
– 12MHzinternalRCoscillatortrimmedto1%accuracy
– Crystaloscillatorwithanoperatingrangeof1MHzto
25MHz
– Programmablewatchdogoscillator
– 10kHzlow-poweroscillatorfortheWKT.
– PLLallowsmaxCPUratewithoutahigh-frequencycrystal.
4
Other
– ROMdriversforI2C,USART,powerprofiles,ISP,andIAP
– Easytouselowpin-countTSSOPandDIPpackages
– CRCengine
– SingleVDDpowersupply(1.8Vto3.6V)
A 32-bit microcontroller
designed for the 8-bit world
TheLPC800combinesthesimplicityandeaseofuseof8-bitmicros,theversatilityof32-bitmicros
andasetofperipheralsthatwillchangethewaydesignerslookatflexibilityandscalability.Every
peripheralonthischipwasredesignedfromthegroundupwiththelow-cost8-bitmarketinmind.


Similar Part No. - LPC810M021FN8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
568Kb / 67P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 1.0-7 November 2012
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
1Mb / 313P
LPC800 User manual
Rev. 1.0-7 November 2012
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
533Kb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 3-29 July 2013
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
888Kb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
720Kb / 76P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.3 - 22 April 2014
More results

Similar Description - LPC810M021FN8

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
32-BIT MICROCONTROLLER
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
32-BIT MICROCONTROLLER
logo
Freescale Semiconductor...
MPC5675K FREESCALE-MPC5675K Datasheet
805Kb / 140P
Microcontroller is a 32-bit embedded controller designed for advanced
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
32-BIT MICROCONTROLLER
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
32-bit Microcontroller
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
32-BIT MICROCONTROLLER
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
32-bit Microcontroller
NUC122-64P NUVOTON-NUC122-64P Datasheet
1Mb / 17P
32-BIT MICROCONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com