Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS331APY Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS331APY
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 1 Page - STMicroelectronics

  LPS331APY Datasheet HTML 1Page - STMicroelectronics LPS331APY Datasheet HTML 2Page - STMicroelectronics LPS331APY Datasheet HTML 3Page - STMicroelectronics LPS331APY Datasheet HTML 4Page - STMicroelectronics LPS331APY Datasheet HTML 5Page - STMicroelectronics LPS331APY Datasheet HTML 6Page - STMicroelectronics LPS331APY Datasheet HTML 7Page - STMicroelectronics LPS331APY Datasheet HTML 8Page - STMicroelectronics LPS331APY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This is information on a product in full production.
March 2012
Doc ID 022112 Rev 7
1/36
36
LPS331AP
MEMS pressure sensor: 260-1260 mbar absolute digital output
barometer
Datasheet
production data
Features
260 to 1260 mbar absolute pressure range
High-resolution mode: 0.020 mbar RMS
Low power consumption:
– Low resolution mode: 5.5 µA
– High resolution mode: 30 µA
High overpressure capability: 20x full scale
Embedded temperature compensation
Embedded 24-bit ADC
Selectable ODR from 1 Hz to 25 Hz
SPI and I2C interfaces
Supply voltage: 1.71 to 3.6 V
High shock survivability: 10,000 g
Small and thin package
ECOPACK® lead-free compliant
Applications
Indoor and outdoor navigation
Enhanced GPS for dead-reckoning
Altimeter and barometer for portable devices
Weather station equipment
Sport watches
Description
The LPS331AP is an ultra compact absolute
piezoresistive pressure sensor. It includes a
monolithic sensing element and an IC interface
able to take the information from the sensing
element and to provide a digital signal to the
external world.
The sensing element consists of a suspended
membrane realized inside a single mono-silicon
substrate. It is capable to detecting pressure and
is manufactured using a dedicated process
developed by ST, called VENSENS.
The VENSENS process allows to build a mono-
silicon membrane above an air cavity with
controlled gap and defined pressure. The
membrane is very small compared to the
traditionally built silicon micromachined
membranes. Membrane breakage is prevented by
an intrinsic mechanical stopper.
The IC interface is manufactured using a standard
CMOS process that allows a high level of
integration to design a dedicated circuit which is
trimmed to better match the sensing element
characteristics.
The LPS331AP is available in a small holed cap
land grid array (HCLGA) package and it is
guaranteed to operate over a temperature range
extending from -40 °C to +85 °C. The package is
holed to allow external pressure to reach the
sensing element.
HCLGA-16L
(3 x 3 x 1 mm)
Table 1.
Device summary
Order codes
Temperature range [°C]
Package
Packing
LPS331APY
-40 to +85
HCLGA-16L
Tray
LPS331APTR
Tape and reel
www.st.com


Similar Part No. - LPS331APY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331APY STMICROELECTRONICS-LPS331APY Datasheet
1Mb / 2P
high-resolution MEMS pressure sensor
Sep-2012
More results

Similar Description - LPS331APY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com