Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3100 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC3100
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3100 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC3100 Datasheet HTML 9Page - NXP Semiconductors LPC3100 Datasheet HTML 10Page - NXP Semiconductors LPC3100 Datasheet HTML 11Page - NXP Semiconductors LPC3100 Datasheet HTML 12Page - NXP Semiconductors LPC3100 Datasheet HTML 13Page - NXP Semiconductors LPC3100 Datasheet HTML 14Page - NXP Semiconductors LPC3100 Datasheet HTML 15Page - NXP Semiconductors LPC3100 Datasheet HTML 16Page - NXP Semiconductors LPC3100 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
ARM926EJ-S
Up to 266 MHz
Interrupt Controller, ETB/ETM
SRAM
Up to 256 kB
ROM
CORE
MEMORY
Clock Generation Unit
System (CPU) PLL
Power Control
PMU, power modes, BOD, single
V
DD power supply, POR
ADC (2)
3-channel, 10-bit
ADC
10-bit
GPDMA
Event Router
MMU
Vector FPU
I-Cache
32 kB
D-Cache
32 kB
GPIO
Up to 152
EMC
Graphic LCD
Ethernet MAC
SD CARD
WDT
PWM (2)
32-bit Timers (6)
Alarm Timer
RTC
MCPWM
NAND Flash I/F
HS USB 2.0
CAN 2.0B (2)
I2S (2)
I2C (2)
SSP (2)
UART
SPI (2)
SYSTEM
TIMERS
ANALOG
INTERFACES
LPC3200
Ideal for running
embedded Linux
applications
Featured product
LPC3200
4
Integrated Ethernet, USB On-The-Go, and LCD controller
4
TBGA296 Package
4
Provides a vector floating-point co-processor
4
Selectable boot-up from NAND Flash, SPI memory, UART,
or static memory
4
Clock speeds up to 266 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com