Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8731 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8731_09 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8731_09 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.8, April 2009
49
The device can be powered off by writing to the POWEROFF bit of the Power Down register. In
POWEROFF mode the Control Interface and a small portion of the digital remain active. The
analogue VMID reference is disabled. As in STANDBY mode the crystal oscillator and/or CLKOUT
pin can be independently controlled. Refer to Table 28.
DESCRIPTION
1
0
0
X
X
X
X
X
POWEROFF, but with Crystal
Oscillator OS and CLKOUT
available
1
1
0
X
X
X
X
X
POWEROFF, but with Crystal
Oscillator OS available, CLKOUT
not-available
1
1
1
X
X
X
X
X
POWEROFF, Crystal oscillator
and CLKOUT not-available.
Table 28 Poweroff Mode
REGISTER MAP
The complete register map is shown in Table 29. The detailed description can be found in Table 30
and in the relevant text of the device description. There are 11 registers with 16 bits per register (7 bit
address + 9 bits of data). These can be controlled using either the 2 wire or 3 wire MPU interface.
REGISTER
BIT[8]
BIT[7]
BIT[6]
BIT[5]
BIT[4]
BIT[3]
BIT[2]
BIT[1]
BIT[0]
DEFAULT
R0 (00h)
Left Line In
LRINBOTH
LINMUTE
0
0
LINVOL[4:0]
0_1001_0111
R1 (01h)
Right Line In
RLINBOTH
RINMUTE
0
0
RINVOL[4:0]
0_1001_0111
R2 (02h)
Left
Headphone Out
LRHPBOTH
LZCEN
LHPVOL[6:0]
0_0111_1001
R1 (01h)
Right
Headphone Out
RLHPBOTH
RZCEN
RHPVOL[6:0]
0_0111_1001
R4 (04h)
Analogue Audio
Path Control
0
SIDEATT[1:0]
SIDETONE
DACSEL
BYPASS
INSEL
MUTEMIC
MICBOOST
0_0000_1010
R5 (05h)
Digital Audio
Path Control
0
0
0
0
HPOR
DACMU
DEEMPH[1:0]
ADCHPD
0_0000_1000
R6 (06h)
Power Down
Control
0
POWEROFF
CLKOUTPD
OSCPD
OUTPD
DACPD
ADCPD
MICPD
LINEINPD
0_1001_1111
R7 (07h)
Digital Audio
Interface Format
0
BCLKINV
MS
LRSWAP
LRP
IWL[1:0]
FORMAT[1:0]
0_1001_1111
R8 (08h)
Sampling
Control
0
CLKODIV2
CLKIDIV2
SR[3:0]
BOSR
USB/
NORMAL
0_0000_0000
R9 (09h)
Active Control
0
0
0
0
0
0
0
0
Active
0_0000_0000
R15 (0Fh)
Reset
RESET[8:0]
not reset
Table 29 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com