Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM7121 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM7121
Description  Top Port Analogue Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM7121 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 10Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 11Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Technical Data
WM7121
w
PTD, Rev 2.0, October 2012
9
MATCHED MICROPHONE PAIRS
WM7121 and WM7132 are sensitivity matched microphone pairs. The enhanced versions,
WM7121E and WM7132E have tight tolerance of ±1dB and compatible output performance.
These microphones are ideal for accurate sound pickup from opposite directions in slim
profile applications.
WM7132E should be positioned close to WM7121E on the same side of the PCB to maximise
acoustic matching for effective DSP application.
The WM7121 and WM7132 also have matched frequency response at both high and low
frequencies, allowing simplified system design.
RECOMMENDED PCB LAND PATTERNS
1.70 mm
Ø0.8 mm
Figure 4 Recommended Customer PCB Land Pattern
(Note that all other dimensions can be obtained from the package dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com