Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM7130AE Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM7130AE
Description  Bottom Port Analogue Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7130AE Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM7130AE Datasheet HTML 3Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 4Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 5Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 6Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 7Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 8Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 9Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 10Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Pre-Production
WM7130A
w
PP, Rev 3.1, April 2012
7
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 1 WM7130A Recommended External Components
A DC-blocking output capacitor is required on the OUTPUT pin, as illustrated in Figure 1. A single
capacitor is required for a single-ended connection. The capacitor must be correctly selected as it
affects the cut-off frequency of the output path. A low cut-off frequency is desirable as it means there
is no significant filtering of the audio bandwidth.
The 3dB cut-off frequency of the output path is given by the equation below, where C is the output
capacitance and R is the input resistance of the other circuit.
A typical recommended configuration, with 1uF DC-blocking capacitor and 20kΩ minimum input
circuit impedance, gives a 3dB cut-off frequency of 10Hz or less. Tantalum electrolytic capacitors are
particularly suitable for the DC-blocking components as they offer high stability in a small package
size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com