Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8758B Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8758B Datasheet HTML 1Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 2Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 3Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 4Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 5Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 6Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
w
WM8758B
Stereo CODEC with Headphone Driver and Line Out
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, January 2012, Rev 4.4
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8758B is a low power, high quality stereo CODEC
designed for portable applications such as MP3 audio player.
The device integrates preamps for stereo differential mics, and
drivers for headphone and differential or stereo line output.
External component requirements are reduced as no separate
microphone or headphone amplifiers are required. Headphone
and line common feedback improves crosstalk and noise
performance.
Advanced on-chip digital signal processing includes a 5-band
equaliser, a mixed signal Automatic Level Control for the
microphone or line input through the ADC as well as a purely
digital limiter function for record or playback. Additional digital
filtering options are available in the ADC path, to cater for
application filtering such as ‘wind noise reduction’ and notch
filter.
The WM8758B digital audio interface can operate in master or
slave mode with an integrated PLL.
The WM8758B operates at analogue supply voltages from 2.5V
to 3.3V, although the digital supply voltages can operate at
voltages down to 1.71V to save power. Additional power
management control enables individual sections of the chip to
be powered down under software control.
BLOCK DIAGRAM
FEATURES
Stereo CODEC:
DAC SNR 100dB, THD -86dB (‘A’ weighted @ 48kHz)
ADC SNR 92.5dB, THD -75dB (‘A’ weighted @ 48kHz)
Headphone Driver
40mW per channel output power into 16
 / 3.3V AVDD2
Line output
Mic Preamps:
Stereo Differential or mono microphone Interfaces
Programmable preamp gain
Psuedo differential inputs with common mode rejection
Programmable ALC / Noise Gate in ADC path
Low-noise bias supplied for electret microphones
Other Features:
Enhanced 3-D function for improved stereo separation
Digital playback limiter
5-band Equaliser (record or playback)
Programmable ADC High Pass Filter (wind noise reduction)
Programmable ADC Notch Filter
PLL supporting various clocks between 8MHz-50MHz
Sample rates supported (kHz): 8, 11.025, 12, 16, 22.05, 24,
32, 44.1, 48
Low power, low voltage
2.5V to 3.6V analogue supplies
1.71V to 3.6V digital supplies
5x5mm 32-lead QFN package
APPLICATIONS
Portable audio player


Similar Part No. - WM8758B

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
More results

Similar Description - WM8758B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8985 WOLFSON-WM8985 Datasheet
1Mb / 118P
Multimedia CODEC With Class D Headphone and Line Out
WM8985 WOLFSON-WM8985_07 Datasheet
1Mb / 118P
Multimedia CODEC With Class D Headphone and Line Out
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Elite Semiconductor Mem...
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8985 WOLFSON-WM8985_09 Datasheet
1Mb / 121P
Multimedia CODEC with Class D Headphone and Line Out
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com