Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8850 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
49
PORT-D (NID = 0Eh)
Table 16 gives a summary of the Port-D node:
NODE SUMMARY INFORMATION
NID
0Eh
Widget Type
Pin Complex
Supported Get Verbs
Bh, F00h, F07h, F1Ch
Supported Set Verbs
3h, 707h, 71Ch, 71Dh, 71Eh, 71Fh
Unsolicited Responses
None
Table 16 Port-D Node Summary Information
Port-D provides digital gain for the microphone(s) connected to DMICDAT1, allowing the signal level
to be adjusted by up to +32dB to −12dB in 0.5dB steps. Gain can be applied to left and right
channels independently if required. Additionally, a mute function is available – again this can be
applied to separate channels as required. The gain is controlled using the Amplifier Gain/Mute Verb.
There are no vendor-specific verbs associated with the Port-D node.
PORT-H (NID = 16H)
Table 17 gives a summary of the Port-H node:
NODE SUMMARY INFORMATION
NID
16h
Widget Type
Pin Complex
Supported Get Verbs
Bh, F00h, F02h, F07h, F1Ch, F73h
Supported Set Verbs
3h, 707h, 71Ch, 71Dh, 71Eh, 71Fh, 773h
Unsolicited Responses
None
Vendor-Specific Verbs
F73h, 773h : Internal Path Verb
Table 17 Port-H Node Summary Information
Port-H provides digital gain for the microphone(s) connected to DMICDAT2, allowing the signal level
to be adjusted by up to +32dB to −12dB in 0.5dB steps. Gain can be applied to left and right
channels independently if required. Additionally, a mute function is available – again this can be
applied to separate channels as required. The gain is controlled using the Amplifier Gain/Mute Verb.
Note that Port-H can also be used to provide a S/PDIF output. For details of the use of the node as a
S/PDIF output, see the “S/PDIF Transmit” section.
When Port-H is configured for S/PDIF output, it is possible to select either S/PDIF In or S/PDIF Tx 2
as the data source. The signal path is selected using vendor-specific Internal Path Verb.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
773h
7:0
Path Sel
17h
Selects the source of the Port-H node:
10h = S/PDIF In
17h = S/PDIF Tx2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com