Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8850GEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8850GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850GEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8850GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8850GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
42
ADC1 supports all common sample rates from 8kHz to 96kHz and data widths of 16, 20, 24 and 32-
bit (Float-32).
The sample rate and word length of the data captured by the ADC1 node is set using the Stream
Format Verb. Table 9 below shows the required settings for Base, Mult and Div as part of the Stream
Format Verb to obtain the required sample rate.
SAMPLE RATE
BASE
MULT
DIV
8kHz
0h
0h
5h
11.025kHz
1h
0h
3h
16kHz
0h
0h
2h
22.05kHz
1h
0h
1h
24kHz
0h
0h
1h
32kHz
0h
1h
2h
44.1kHz
1h
0h
0h
48kHz
0h
0h
0h
88.2kHz
1h
1h
0h
96kHz
0h
1h
0h
Table 9 ADC1 Supported Sample Rate Settings
Note: Other settings of Base, Mult and Div are reserved and should not be set.
The ADC1 output data is by default set to provide the captured waveform from the left channel in
Channel 0, and the right channel in Channel 1. It is possible to adjust this mapping using the vendor-
specific Channel Copy Verb.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
7B1h
1
CHAN1_
SEL
1
Channel 1 (right) Mapping Control:
0 = Channel 1 takes data from left audio
channel
1 = Channel 1 takes data from right audio
channel
0
CHAN0_
SEL
0
Channel 0 (left) Mapping Control:
0 = Channel 0 takes data from left audio
channel
1 = Channel 0 takes data from right audio
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com