Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1813 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1813
Description  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1813 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1813 Datasheet HTML 1Page - NXP Semiconductors LPC1813 Datasheet HTML 2Page - NXP Semiconductors LPC1813 Datasheet HTML 3Page - NXP Semiconductors LPC1813 Datasheet HTML 4Page - NXP Semiconductors LPC1813 Datasheet HTML 5Page - NXP Semiconductors LPC1813 Datasheet HTML 6Page - NXP Semiconductors LPC1813 Datasheet HTML 7Page - NXP Semiconductors LPC1813 Datasheet HTML 8Page - NXP Semiconductors LPC1813 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NXP LPC family of microcontrollers is changing the landscape for embedded applications. Featuring award-winning innovations in connectivity, flexibility, level of
Integration, packaging, performance, power consumption, security, ease-of-use, and more, NXP’s LPC family provides developers a scalable continuum of 32-bit ARM based
microcontrollers with both software and hardware reusability and portability. NXP’s microcontrollers include the latest 32-bit Cortex-M0, Cortex-M3, and Cortex-M4 based
product cores and deliver high performance, low power consumption, and many peripheral options. Surrounded by a rapidly growing eco-system of tools, community and
support, LPC product are designed to help you easily transition from concept to production.
NXP Microcontrollers Selection Guide
November 2012
LPC Go
NXP’s LPC Go microcontrollers feature unprecedented performance, simplicity, and low-power. These products, based on 32-bit ARM cores, are the most cost effective series compared to 8/16-bit
solutions and provide a dramatic reduction in code size for every application. LPC Go products can reduce your system cost and power consumption and are easy to use providing faster time-to-
market. This category includes Cortex-M0, Cortex-M3 and ARM7 based microcontrollers.
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC800 devices
LPC810
4
1
4**
1
4*
2
1
1
1
6
30
1.8 - 3.6
F
DIP8
On-chip APIs (USART, I2C, power profile), 1k Byte Flash sector, 64 page erase/program,
Switch Matrix, GPIO-Single cycle I/O access, pattern matching engine , I/O 5V tolerant
LPC811
8
2
4**
1
4*
2
1
1
1
14
30
1.8 - 3.6
F
TSSOP16
On-chip APIs (USART, I2C, power profile), 1k Byte Flash sector, 64 page erase/program,
Switch Matrix, GPIO-Single cycle I/O access, pattern matching engine , I/O 5V tolerant
LPC812
16
4
4**
1
4*
3
1
2
1
14
30
1.8 - 3.6
F
TSSOP16
On-chip APIs (USART, I2C, power profile), 1k Byte Flash sector, 64 page erase/program,
Switch Matrix, GPIO-Single cycle I/O access, pattern matching engine , I/O 5V tolerant
LPC812
16
4
4**
1
4*
2
1
1
1
18
30
1.8 - 3.6
F
SO20
On-chip APIs (USART, I2C, power profile), 1k Byte Flash sector, 64 page erase/program,
Switch Matrix, GPIO-Single cycle I/O access, pattern matching engine , I/O 5V tolerant
LPC812
16
4
4**
1
4*
3
1
2
1
18
30
1.8 - 3.6
F
TSSOP20
On-chip APIs (USART, I2C, power profile), 1k Byte Flash sector, 64 page erase/program,
Switch Matrix, GPIO-Single cycle I/O access, pattern matching engine , I/O 5V tolerant
LPC1100XL devices
LPC1102
32
8
5
9**
1
1
5/10 b
11
50
3.3
F
WLCSP16
2.17 x 2.32 x 0.6 mm miniture package size
LPC1104
32
8
5
9**
1
1
5/10 b
13
50
3.3
F
WLCSP16
2.17 x 2.32 x 0.6 mm miniature package size
LPC1115
64
8
5
11**
1
1
2
8/10 b
42
50
3.3
F
LQFP48
64K Flash version of the LPC1114
LPC1114
32
4-8
5
11**
1
1
1-2
8/10 b
28/42
50
3.3
F
TSSOP28, DIP28, HVQFN33, LQFP48 On-chip power profile, I/O 5V tolerant;
Both 7 mm x 7 mm and 5 mm x 5 mm HVQFN33 available
LPC1113
24
4-8
5
11**
1
1
1-2
8/10 b
28/42
50
3.3
F
HVQFN33, LQFP48
On-chip power profile, I/O 5V tolerant
LPC1112
16
2-4
5
11**
1
1
1
8/10 b
28
50
3.3
F
TSSOP20, TSSOP28, HVQFN24/33
On-chip power profile, I/O 5V tolerant;
Both 7 mm x 7 mm and 5 mm x 5 mm HVQFN33 available
LPC1111
8
2-4
5
11**
1
1
1
8/10 b
28
50
3.3
F
TSSOP20, HVQFN33
On-chip power profile, I/O 5V tolerant
LPC1110
4
1
5
11**
1
1
1
5/10 b
16
50
3.3
F
SO20
On-chip power profile, I/O 5V tolerant
+
Includes Watchdog timer. ++ Using timers.
*SCT peripheral can be configured as additional timers and/or PWM channels **MRT (Multi rate timer), Self wake-up timer, SCT can be configured as additonal timer
Temp. range options
F= -40 to +85 C
J= -40 to +105 C


Similar Part No. - LPC1813

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1813 NXP-LPC1813 Datasheet
661Kb / 2P
Fastest Cortex-M3 MCU, Largest SRAM, High Speed USB
June 2011
LPC1813JBD144 NXP-LPC1813JBD144 Datasheet
70Kb / 11P
Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
LPC1813JBD144 PHILIPS-LPC1813JBD144 Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC1813JBD144 NXP-LPC1813JBD144 Datasheet
2Mb / 155P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC1813JET100 NXP-LPC1813JET100 Datasheet
70Kb / 11P
Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
More results

Similar Description - LPC1813

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
NXP LPC microcontrollers
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
Master Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
Device Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
IRLED SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com