Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8904 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 188 page
background image
w
WM8904
Ultra Low Power CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Pre-Production, September 2012, Rev 3.3
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8904 is a high performance ultra-low power stereo
CODEC optimised for portable audio applications.
The device features stereo ground-referenced headphone
amplifiers using the Wolfson ‘Class-W’ amplifier techniques -
incorporating an innovative dual-mode charge pump
architecture - to optimise efficiency and power consumption
during playback. The ground-referenced headphone and line
outputs eliminate AC coupling capacitors, and both outputs
include common mode feedback paths to reject ground
noise.
Control sequences for audio path setup can be pre-loaded
and executed by an integrated control write sequencer to
reduce software driver development and minimise pops and
clicks via Wolfson’s SilentSwitch™ technology.
The analogue input stage can be configured for single
ended or differential inputs. Up to 3 stereo microphone or
line inputs may be connected. The input impedance is
constant with PGA gain setting.
A stereo digital microphone interface is provided, with a
choice of two inputs.
A dynamic range controller provides compression and level
control to support a wide range of portable recording
applications. Anti-clip and quick release features offer good
performance in the presence of loud impulsive noises.
ReTune
TM Mobile 5-band parametric equaliser with fully
programmable coefficients is integrated for optimization of
speaker characteristics. Programmable dynamic range
control is also available for maximizing loudness, protecting
speakers from clipping and preventing premature shutdown
due to battery droop.
Common audio sampling frequencies are supported from a
wide range of external clocks, either directly or generated
via the FLL.
The WM8904 can operate directly from a single 1.8V
switched supply. For optimal power consumption, the digital
core can be operated from a 1.0V supply.
FEATURES
3.0mW quiescent power consumption for DAC to
headphone playback
DAC SNR 96dB typical, THD -86dB typical
ADC SNR 91dB typical, THD -80dB typical
2.4mW quiescent power consumption for analogue bypass
playback
Control write sequencer for pop minimised start-up and
shutdown
Single register write for default start-up sequence
Integrated FLL provides all necessary clocks
-
Self-clocking modes allow processor to sleep
-
All standard sample rates from 8kHz to 96kHz
Stereo digital microphone input
3 single ended inputs per stereo channel
1 fully differential mic / line input per stereo channel
Digital Dynamic Range Controller (compressor / limiter)
Digital sidetone mixing
Ground-referenced headphone driver
Ground-referenced line outputs
32-pin QFN package (4 x 4mm, 0.4mm pitch)
36-ball WLCSP package (2.6 x 2.5mm, 6 x 6 ball grid,
0.4mm pitch)
APPLICATIONS
Portable multimedia players
Multimedia handsets
Handheld gaming
Wireless headsets
Mobile internet devices
Netbooks


Similar Part No. - WM8904

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results

Similar Description - WM8904

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
logo
Wolfson Microelectronic...
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com