Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904CGEFL/V Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
35
Up to 4 GPIO pins may be configured for miscellaneous input/output functions such as
button/accessory detect inputs, or for clock, system status, or programmable logic level output for
control of additional external circuitry. Interrupt logic, status readback and de-bouncing options are
supported within this functionality.
ANALOGUE INPUT SIGNAL PATH
The WM8904 has six analogue input pins, which may be used to support connections to multiple
microphone or line input sources. The input multiplexer on the Left and Right channels can be used to
select different configurations for each of the input sources. The analogue input paths can support
line and microphone inputs, in single-ended and differential modes. The input stage can also provide
common mode noise rejection in some configurations.
Two of the six analogue input pins have dual functionality and can be used as digital microphone
inputs. (See the “Digital Microphone Interface” section for details.)
The Left and Right analogue input channels are routed to the Analogue to Digital converters (ADCs).
There is also a bypass path for each channel, enabling the signal to be routed directly to the output
multiplexers and PGAs.
The WM8904 input signal paths and control registers are illustrated in Figure 20.
Figure 20 Block Diagram for Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com