Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904CGEFL/V Datasheet(PDF) 176 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 176 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 172Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 173Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 174Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 175Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 176Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 177Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 178Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 179Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 180Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
176
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R130 (82h)
Interrupt
Debounce
9
GPIO_BCLK_EI
NT_DB
0
GPIO4 interrupt debounce
0 = disabled
1 = enabled
Interrupts
8
WSEQ_EINT_D
B
0
Write Sequencer interrupt debounce enable
0 = disabled
1 = enabled
Interrupts
7
GPIO3_EINT_D
B
0
GPIO3 input debounce
0 = disabled
1 = enabled
Interrupts
6
GPIO2_EINT_D
B
0
GPIO2 input debounce
0 = disabled
1 = enabled
Interrupts
5
GPIO1_EINT_D
B
0
GPIO1 input debounce
0 = disabled
1 = enabled
Interrupts
4
GPI8_EINT_DB
0
GPI8 input debounce
0 = disabled
1 = enabled
Interrupts
3
GPI7_EINT_DB
0
GPI7 input debounce
0 = disabled
1 = enabled
Interrupts
2
FLL_LOCK_EIN
T_DB
0
FLL Lock debounce
0 = disabled
1 = enabled
Interrupts
1
MIC_SHRT_EIN
T_DB
0
MICBIAS short circuit interrupt debounce
0 = disabled
1 = enabled
Interrupts
0
MIC_DET_EINT
_DB
0
MICBIAS current detect interrupt debounce
0 = disabled
1 = enabled
Interrupts
Register 82h Interrupt Debounce
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R134 (86h)
EQ1
0
EQ_ENA
0
EQ enable
0 = EQ disabled
1 = EQ enabled
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 86h EQ1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R135 (87h)
EQ2
4:0
EQ_B1_GAIN
[4:0]
0_1100
Gain for EQ band 1
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
ReTune
TM Mobile
Parametric
Equalizer (EQ)
Register 87h EQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com