Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904CGEFL/V Datasheet(PDF) 185 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 185 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 180Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 181Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 182Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 183Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 184Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 185Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 186Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 187Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 188Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 185 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
185
PACKAGE DIMENSIONS
The 36-ball W-CSP package drawing is shown below.
B: 36 BALL W-CSP PACKAGE 2.651 X 2.525 X 0.698mm BODY, 0.40 mm BALL PITCH
A1
CORNER
TOP VIEW
E
A
aaa
2 X
D
5
4
DETAIL 2
DETAIL 2
A
A2
2
B
aaa
2 X
A1
Z
bbb
Z
1
E1
A
D1
DETAIL 1
D
C
B
F
E
e
e
BOTTOM VIEW
1
65
43
2
g
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’ AND BACKSIDE COATING.
3. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
4. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
5. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
7. FOLLOWS JEDEC DESIGN GUIDE MO-211-C.
A1
0.177
D
D1
E
E1
e
2.000 BSC
2.525
0.313
2.000 BSC
0.400 BSC
2.651
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.698
A2
0.452
0.468
0.484
5
f1
0.733
0.663
0.208
0.239
g
0.022
h
0.258
f2
0.250
f1
f2
h
DM066.C
2.626
2.676
2.500
2.550
0.218
0.298
4
A
B
Z
ddd M
A B
Z
ccc
aaa
bbb
ccc
ddd
0.025
0.060
0.030
0.015
DETAIL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com