Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM7230 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM7230
Description  Bottom Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7230 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM7230 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 10Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 11Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WM7230
Preliminary Technical Data
w
PTD, Rev 2.4, October 2012
8
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
It is recommended to connect a 0.1µF decoupling capacitor between the VDD and GND pins of the
WM7230. A ceramic 0.1µF capacitor with X7R dielectric or better is suitable. The capacitor should be
placed as close to the WM7230 as possible.
OPTIMISED SYSTEM RF DESIGN
For optimised RF design please refer to document WAN0278 (Recommended PCB Layout for
Microphone RF Immunity in Mobile Cell Phone Applications) for further information.
CONNECTION TO A WOLFSON AUDIO CODEC
Wolfson provides a range of audio CODECs incorporating a digital microphone input interface; these
support direction connection to digital microphones such as the WM7230.
Stereo connection of two WM7230 digital microphones to the WM8994 CODEC is illustrated in Figure
2.
A 0.1µF decoupling capacitor is recommended; this should be positioned close to the VDD pin of the
WM7230. A ceramic 0.1µF capacitor with X7R dielectric or better is suitable.
Further information on the WM8994 is provided in the product datasheet, which is available from the
Wolfson website. The equivalent connections can be made to other Wolfson devices supporting a
digital microphone interface.
Figure 2 Stereo WM7230 Digital Microphone Connection to WM8994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com