| Electronic Components Datasheet Search |
|
WM8945ECS/R Datasheet(PDF) 90 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8945ECS/R Datasheet(HTML) 90 Page - Wolfson Microelectronics plc |
|
90 / 169 page ![]() WM8945 Production Data w PD, May 2011, Rev 4.1 90 Figure 36 Pen-Down Touch Panel Detection Touch pressure can only be determined indirectly, using the results of two separate measurements. A constant current is applied through the plates, and the voltage on each plate is measured. The difference between the two voltages is proportional to the resistance between the plates, which is a measure of the pressure being applied to the panel. The configuration is illustrated in Figure 37. In this example, a constant current flows from the Top (YP) connection to the Left (XN) connection. The Right (XP) and Bottom (YN) points are measured in turn, and the difference, VX – VY is equal to IP x RC, where IP is the current applied and RC is the resistance between the plates. The smaller the measured resistance, the greater the pressure being applied. Figure 37 Z-axis (Pressure) Touch Panel Measurement GENERAL PURPOSE INPUT/OUTPUT The WM8945 provides four multi-function pins which can be configured to provide a number of different functions. These are digital input/output pins on the DBVDD power domain. The GPIO pins are: GPIO1 CS ¯¯ /GPIO2 CIFMODE/GPIO3 SDOUT/GPIO4 Note that only GPIO1 is a dedicated GPIO pin; the other pins are shared with Control Interface functions. The pins available for GPIO function depend on the selected Control Interface mode, as described in Table 61. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |