Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 130 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 130 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 134Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
130
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R31 (1Fh)
DRC Control
3
7:4
DRC_ATK[3:0]
0100
Gain attack rate (seconds/6dB)
0000 = Reserved
0001 = 181us
0010 = 363us
0011 = 726us
0100 = 1.45ms
0101 = 2.9ms
0110 = 5.8ms
0111 = 11.6ms
1000 = 23.2ms
1001 = 46.4ms
1010 = 92.8ms
1011 = 185.6ms
1100-1111 = Reserved
3:0
DRC_DCY[3:0]
0010
Gain decay rate (seconds/6dB)
0000 = 186ms
0001 = 372ms
0010 = 743ms
0011 = 1.49s
0100 = 2.97s
0101 = 5.94s
0110 = 11.89s
0111 = 23.78s
1000 = 47.56s
1001-1111 = Reserved
Register 1Fh DRC Control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R32 (20h)
DRC Control
4
12:8
DRC_KNEE2_I
P[4:0]
0_0000
Input signal level at the Noise Gate threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when DRC_NG_ENA = 1.
7:2
DRC_KNEE_IP
[5:0]
00_0000
Input signal level at the Compressor ‘Knee1’.
000000 = 0dB
000001 = -0.75dB
000010 = -1.5dB
… (-0.75dB steps)
111100 = -45dB
111101 = Reserved
11111X = Reserved
Register 20h DRC Control 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com