Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 132 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 132 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 136Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
132
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R35 (23h)
DRC Control
7
9:8
DRC_NG_EXP
[1:0]
00
Noise Gate slope
00 = 1 (no expansion)
01 = 2
10 = 4
11 = 8
7:5
DRC_LO_COM
P[2:0]
000
Compressor slope (lower region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved
4:0
DRC_INIT
00000
Initial value at DRC startup
00000 = 0dB
00001 = -3.75dB
… (-3.75dB steps)
11111 = -116.25dB
Register 23h DRC Control 7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R36 (24h)
DRC Status
15:0
DRC_GAIN
[15:0]
0000_0000
_0000_000
0
DRC Gain value.
This is the DRC gain, expressed as a voltage multiplier.
Fixed point coding, MSB = 64.
The first 7 bits are the integer portion; the remaining
bits are the fractional part.
Register 24h DRC Status
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R37 (25h)
Beep
Control 1
6:3
BEEP_GAIN
[3:0]
0000
Digital Beep Volume Control
0000 = mute
0001 = -83dB
0010 = -77dB
… (6dB steps)
1111 = +1dB
2:1
BEEP_RATE
[1:0]
01
Beep Waveform Control
00 = Reserved
01 = 1kHz
10 = 2kHz
11 = 4kHz
0
BEEP_ENA
0
Digital Beep Enable
0 = Disabled
1 = Enabled
Note that the DAC and associated signal path needs to
be enabled when using the digital beep.
Register 25h Beep Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com