Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
135
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R42 (2Ah)
Output ctrl
15
THERR_ACT
1
Thermal Shutdown enable
0 = Disabled
1 = Enabled
When THERR_ACT = 1, then an overtemperature
condition will cause the speaker outputs to be disabled.
13
SPKR_VMID_
OP_ENA
0
Buffered VMID to SPKOUTR Enable
0 = Disabled
1 = Enabled
12
SPKL_VMID_O
P_ENA
0
Buffered VMID to SPKOUTL Enable
0 = Disabled
1 = Enabled
11
LINER_VMID_
OP_ENA
0
Buffered VMID to LINEOUTR Enable
0 = Disabled
1 = Enabled
10
LINEL_VMID_
OP_ENA
0
Buffered VMID to LINEOUTL Enable
0 = Disabled
1 = Enabled
9
LINER_MUTE
1
LINEOUTR Output Mute
0 = Disable Mute
1 = Enable Mute
8
LINEL_MUTE
1
LINEOUTL Output Mute
0 = Disable Mute
1 = Enable Mute
7
SPKR_DISCH
0
Discharges SPKOUTR output via approx 4k resistor
0 = Not active
1 = Actively discharging SPKOUTR
6
SPKL_DISCH
0
Discharges SPKOUTL output via approx 4k resistor
0 = Not active
1 = Actively discharging SPKOUTL
5
LINER_DISCH
0
Discharges LINEOUTR output via approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUTR
4
LINEL_DISCH
0
Discharges LINEOUTL output via approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUTL
1
SPK_VROI
0
Buffered VREF to SPKOUTL / SPKOUTR resistance
(Disabled outputs)
0 = approx 20k
1 = approx 1k
0
LINE_VROI
0
Buffered VREF to LINEOUTL / LINEOUTR resistance
(Disabled outputs)
0 = approx 20k
1 = approx 1k
Register 2Ah Output ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com