Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 138 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
138
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R46 (2Eh)
SPK mixer
control4
8
AUX1_TO_SP
KR_ATTEN
0
AUX1 Audio Input to Right Speaker Output attenuation
0 = 0dB
1 = -6dB attenuation
7
PGAR_TO_SP
KR_ATTEN
0
Right Speaker PGA Mixer to Right Speaker Output
attenuation
0 = 0dB
1 = -6dB attenuation
6
BYPR_TO_PG
AR_ATTEN
0
Right Input PGA (ADC bypass) to Right Speaker PGA
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
3
DACL_TO_PG
AR_ATTEN
0
Left DAC to Right Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
2
DACR_TO_PG
AR_ATTEN
0
Right DAC to Right Speaker PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation
1
AUX2_TO_PG
AR_ATTEN
0
AUX2 Audio Input to Right Speaker PGA Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
0
AUX1_TO_PG
AR_ATTEN
0
AUX1 Audio Input to Right Speaker PGA Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
Register 2Eh SPK mixer control4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R47 (2Fh)
Left SPK
volume ctrl
8
SPK_VU
0
Speaker PGA Volume Update
Writing a 1 to this bit will cause the Left and Right
Speaker PGA volumes to be updated simultaneously.
7
SPKL_ZC
0
Left Speaker PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
SPKL_PGA_M
UTE
1
Left Speaker PGA Mute
0 = Disable Mute
1 = Enable Mute
5:0
SPKL_VOL[5:0
]
11_1001
Left Speaker PGA Volume
00_0000 = -57dB gain
00_0001 = -56dB
…
11_1001 = 0dB
...
11_1111 = +6dB
Register 2Fh Left SPK volume ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com