Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
146
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R76 (4Ch)
SE1_NOTC
H_A30
15:0
SE1_NOTCH_
A30[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 4Ch SE1_NOTCH_A30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R77 (4Dh)
SE1_NOTC
H_A31
15:0
SE1_NOTCH_
A31[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 4Dh SE1_NOTCH_A31
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R78 (4Eh)
SE1_NOTC
H_A40
15:0
SE1_NOTCH_
A40[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 4Eh SE1_NOTCH_A40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R79 (4Fh)
SE1_NOTC
H_A41
15:0
SE1_NOTCH_
A41[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 4Fh SE1_NOTCH_A41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R80 (50h)
SE1_NOTC
H_A50
15:0
SE1_NOTCH_
A50[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 50h SE1_NOTCH_A50
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R81 (51h)
SE1_NOTC
H_A51
15:0
SE1_NOTCH_
A51[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 51h SE1_NOTCH_A51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R82 (52h)
SE1_NOTC
H_M10
15:0
SE1_NOTCH_
M10[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 52h SE1_NOTCH_M10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com