Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 150 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 150 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 154Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
150
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R104 (68h)
SE2_RETU
NE_C3
15:0
SE2_RETUNE
_C3[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 68h SE2_RETUNE_C3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R105 (69h)
SE2_RETU
NE_C4
15:0
SE2_RETUNE
_C4[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 69h SE2_RETUNE_C4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R106 (6Ah)
SE2_RETU
NE_C5
15:0
SE2_RETUNE
_C5[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 6Ah SE2_RETUNE_C5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R107 (6Bh)
SE2_RETU
NE_C6
15:0
SE2_RETUNE
_C6[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 6Bh SE2_RETUNE_C6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R108 (6Ch)
SE2_RETU
NE_C7
15:0
SE2_RETUNE
_C7[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 6Ch SE2_RETUNE_C7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R109 (6Dh)
SE2_RETU
NE_C8
15:0
SE2_RETUNE
_C8[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 6Dh SE2_RETUNE_C8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R110 (6Eh)
SE2_RETU
NE_C9
15:0
SE2_RETUNE
_C9[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 6Eh SE2_RETUNE_C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com