Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8946 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
152
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R118 (76h)
SE2_RETU
NE_C17
15:0
SE2_RETUNE
_C17[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 76h SE2_RETUNE_C17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R119 (77h)
SE2_RETU
NE_C18
15:0
SE2_RETUNE
_C18[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 77h SE2_RETUNE_C18
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R120 (78h)
SE2_RETU
NE_C19
15:0
SE2_RETUNE
_C19[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 78h SE2_RETUNE_C19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R121 (79h)
SE2_RETU
NE_C20
15:0
SE2_RETUNE
_C20[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 79h SE2_RETUNE_C20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R122 (7Ah)
SE2_RETU
NE_C21
15:0
SE2_RETUNE
_C21[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 7Ah SE2_RETUNE_C21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R123 (7Bh)
SE2_RETU
NE_C22
15:0
SE2_RETUNE
_C22[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 7Bh SE2_RETUNE_C22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R124 (7Ch)
SE2_RETU
NE_C23
15:0
SE2_RETUNE
_C23[15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2)
ReTune™ filter
Register 7Ch SE2_RETUNE_C23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com