Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3250 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC3250
Description  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC3250 Datasheet HTML 1Page - NXP Semiconductors LPC3250 Datasheet HTML 2Page - NXP Semiconductors LPC3250 Datasheet HTML 3Page - NXP Semiconductors LPC3250 Datasheet HTML 4Page - NXP Semiconductors LPC3250 Datasheet HTML 5Page - NXP Semiconductors LPC3250 Datasheet HTML 6Page - NXP Semiconductors LPC3250 Datasheet HTML 7Page - NXP Semiconductors LPC3250 Datasheet HTML 8Page - NXP Semiconductors LPC3250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC1100LV devices
LPC1112LV
16
2/4
5
11**
1
1
1
6/8 b
20/27
50
1.8
F
HVQFN24/33
Available dual 1.8V and 3.3V VDD for HVQFN33 package
LPC1114LV
32
4/8
5
11**
1
1
1
6/8 b
20/27
50
1.8
F
HVQFN24/33
Available dual 1.8V and 3.3V VDD for HVQFN33 package
LPC11E00 devices
LPC11E14
32
10
4
5
11**
1
1
2
8/10 b
28/40/54
50
3.3
F
LQFP64, LQFP48, HVQFN33
ROM Drivers- Power Profiles, 32-b Divide Libraries, EEPROM
LPC11E13
24
8
2
5
11**
1
1
2
8/10 b
40
50
3.3
F
LQFP48
ROM Drivers- Power Profiles, 32-b Divide Libraries, EEPROM
LPC11E12
16
6
1
5
11**
1
1
2
8/10 b
40
50
3.3
F
LQFP48
ROM Drivers- Power Profiles, 32-b Divide Libraries, EEPROM
LPC11E11
8
4
512 b
5
11**
1
1
2
8/10 b
28
50
3.3
F
HVQFN33
ROM Drivers- Power Profiles, 32-b Divide Libraries, EEPROM
LPC1200 Devices
LPC1227
128
8
6
13**
2
1
1
8/10 b
39/55
1
30
3.3
F
LQFP48, LQFP64
Additional DMA, CRC, 2x comparators, RS-48S
LPC1226
96
8
6
13**
2
1
1
8/10 b
39/55
1
30
3.3
F
LQFP48, LQFP64
Additional DMA, CRC, 2x comparators, RS-48S
LPC1225
64/80
8
6
13**
2
1
1
8/10 b
39/55
1
30
3.3
F
LQFP48, LQFP64
Additional DMA, CRC, 2x comparators, RS-48S
LPC1224
32/48
4
6
13**
2
1
1
8/10 b
39/55
1
30
3.3
F
LQFP48. LQFP64
Additional DMA. CRC. 2x comparators. RS-48S
LPC1300 devices
LPC1317
64
10
4
5
11**
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
USART, Smart Card Interface, EEPROM Drivers and Power Profiles in ROM
LPC1316
48
8
4
5
11**
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
USART, Smart Card Interface, EEPROM Drivers and Power Profiles in ROM
LPC1315
32
8
2
5
11**
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
USART, Smart Card Interface, EEPROM Drivers and Power Profiles in ROM
LPC1313
32
8
5
11**
1
1
1
8/10 b
28-42
72
3.3
F
LQFP48, HVQFN33
Low-cost, low-power Cortex-M3 device
LPC1311
8
2
5
11**
1
1
1
8/10 b
28
72
3.3
F
HVQFN33
8K Flash / 2K RAM version of LPC1313
LPC2100
LPC2106/01
128
64
5
6
2
1
1
32
•
60
1.8
3.3
F
LQFP48
64K RAM, 128K Flash
LPC2105/01
128
32
5
6
2
1
1
32
•
60
1.8
3.3
F
LQFP48
32K RAM version of LPC2106/01
LPC2104/01
128
16
5
6
2
1
1
32
•
60
1.8
3.3
F
LQFP48
16K RAM version of LPC2106/01
LPC2103
32
8
6
14**
2
2
2
8/12 b
32
•
70
1.8
3.3
F
LQFP48, HVQFN48
Lowest cost, lowest power, ADC
LPC2102
16
4
6
14**
2
2
2
8/10 b
32
•
70
1.8
3.3
F
LQFP48, HVQFN48
16K Flash, 4K RAM version of LPC2103
LPC2101
8
2
6
14**
2
2
2
8/10 b
32
•
70
1.8
3.3
F
LQFP48
8K Flash, 2K RAM version of LPC2103
LPC Go Cont’d
+
Includes Watchdog timer. ++ Using timers.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com