Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8948 Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
1
2
VMID_BUF_ENA
0
VMID Buffer Enable.
(The buffered VMID may be applied
to disabled input and output pins.)
0 = Disabled
1 = Enabled
R42 (2Ah)
Output ctrl
13
SPKR_VMID_OP
_ENA
0
Buffered VMID to SPKOUTR
Enable
0 = Disabled
1 = Enabled
12
SPKL_VMID_OP
_ENA
0
Buffered VMID to SPKOUTL Enable
0 = Disabled
1 = Enabled
11
LINER_VMID_OP
_ENA
0
Buffered VMID to LINEOUTR
Enable
0 = Disabled
1 = Enabled
10
LINEL_VMID_OP
_ENA
0
Buffered VMID to LINEOUTL
Enable
0 = Disabled
1 = Enabled
1
SPK_VROI
0
Buffered VREF to SPKOUTL /
SPKOUTR resistance (Disabled
outputs)
0 = approx 20k
1 = approx 1k
0
LINE_VROI
0
Buffered VREF to LINEOUTL /
LINEOUTR resistance (Disabled
outputs)
0 = approx 20k
1 = approx 1k
Table 42 Disabled Output Control
OUTPUT DISCHARGE CONTROL
The line outputs and speaker outputs can be actively discharged to GND through internal resistors if
desired. This is desirable at start-up in order to achieve a known output stage condition prior to
enabling the soft-start VMID reference voltage. This is also desirable in shut-down to prevent the
external connections from being affected by the internal circuits.
The individual control bits for discharging each audio output are described in Table 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com