| Electronic Components Datasheet Search |
|
WM8948 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8948 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc |
|
105 / 189 page ![]() Production Data WM8948 w PD, May 2011, Rev 4.1 105 The WM8948 operates as a slave device only. The controller indicates the start of data transfer with a high to low transition on SDA while SCLK remains high. This indicates that a device ID, register address and data will follow. The WM8948 responds to the start condition and shifts in the next eight bits on SDA (7-bit device ID + Read/Write bit, MSB first). If the device ID received matches the device ID of the WM8948, then the WM8948 responds by pulling SDA low on the next clock pulse (ACK). If the device ID is not recognised or the R/W bit is ‘1’ when operating in write only mode, the WM8948 returns to the idle condition and waits for a new start condition and valid address. If the device ID matches the device ID of the WM8948, the data transfer continues as described below. The controller indicates the end of data transfer with a low to high transition on SDA while SCLK remains high. After receiving a complete address and data sequence the WM8948 returns to the idle state and waits for another start condition. If a start or stop condition is detected out of sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns to the idle condition. The WM8948 supports the following read and write operations: Single write Single read Multiple write using auto-increment Multiple read using auto-increment The sequence of signals associated with a single register write operation is illustrated in Figure 39. Figure 39 Control Interface 2-wire (I2C) Register Write The sequence of signals associated with a single register read operation is illustrated in Figure 40. Figure 40 Control Interface 2-wire (I2C) Register Read The Control Interface also supports other register operations, as listed above. The interface protocol for these operations is summarised below. The terminology used in the following figures is detailed in Table 68. Note that, for multiple write and multiple read operations, the auto-increment option must be enabled. This feature is enabled by default, as noted in Table 67. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |