Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8948 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
118
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
TEN
TTEN ATTEN
ATTEN ATTEN ATTEN ATTEN
R47 (2Fh)
Left SPK volume ctrl
0
0
0
0
0
0
0
SPK_V
U
SPKL_
ZC
SPKL_
PGA_
MUTE
SPKL_VOL[5:0]
0079h
R48 (30h)
Right SPK volume ctrl
0
0
0
0
0
0
0
SPK_V
U
SPKR_
ZC
SPKR_
PGA_
MUTE
SPKR_VOL[5:0]
0079h
R49 (31h)
Line L mixer control 1
0
0
0
0
0
0
0
0
0
BYPL_
TO_O
UTL
MDAC
L_TO_
OUTL
MDAC
R_TO_
OUTL
DACL_
TO_O
UTL
DACR
_TO_O
UTL
AUX2_
TO_O
UTL
AUX1_
TO_O
UTL
0000h
R50 (32h)
Line R mixer control 1
0
0
0
0
0
0
0
0
0
BYPR_
TO_O
UTR
MDAC
L_TO_
OUTR
MDAC
R_TO_
OUTR
DACL_
TO_O
UTR
DACR
_TO_O
UTR
AUX2_
TO_O
UTR
AUX1_
TO_O
UTR
0000h
R51 (33h)
Line L mixer control 2
0
0
0
0
0
0
0
0
0
BYPL_
TO_O
UTL_A
TTEN
0
0
DACL_
TO_O
UTL_A
TTEN
DACR
_TO_O
UTL_A
TTEN
AUX2_
TO_O
UTL_A
TTEN
AUX1_
TO_O
UTL_A
TTEN
0000h
R52 (34h)
Line R mixer control 2
0
0
0
0
0
0
0
0
0
BYPR_
TO_O
UTR_A
TTEN
0
0
DACL_
TO_O
UTR_A
TTEN
DACR
_TO_O
UTR_A
TTEN
AUX2_
TO_O
UTR_A
TTEN
AUX1_
TO_O
UTR_A
TTEN
0000h
R53 (35h)
LDO
LDO_E
NA
LDO_R
EF_SE
L_FAS
T
LDO_R
EF_SE
L
LDO_
OPFLT
0
0
0
0
0
0
LDO_B
IAS_S
RC
LDO_VSEL[4:0]
0007h
R54 (36h)
Bandgap
BG_E
NA
0
0
0
0
0
0
0
0
0
0
BG_VSEL[4:0]
000Ah
R55 (37h)
Touch Control 1
TCH_E
NA
TCH_C
VT_EN
A
0
0
0
TCH_Z
_ENA
TCH_Y
_ENA
TCH_X
_ENA
TCH_DELAY[2:0]
TCH_RATE[4:0]
0000h
R56 (38h)
Touch Control 2
0
0
0
0
TCH_P
DONL
Y
0
0
TCH_I
SEL
0
0
0
0
TCH_RPU[3:0]
0007h
R57 (39h)
Touch Data X
TCH_P
D1
0
0
0
TCH_X[11:0]
0000h
R58 (3Ah)
Touch Data Y
TCH_P
D2
0
0
0
TCH_Y[11:0]
0000h
R59 (3Bh)
Touch Data Z
TCH_P
D3
0
0
0
TCH_Z[11:0]
0000h
R60 (3Ch)
AuxADC Data
0
0
AUX_DATA_S
RC[1:0]
AUX_DATA[11:0]
0000h
R61 (3Dh)
AuxADC Control
AUX_E
NA
AUX_C
VT_EN
A
0
0
0
0
0
0
0
0
0
AUX_RATE[4:0]
0000h
R62 (3Eh)
AuxADC Source
0
0
0
0
0
0
0
AUX_B
ATT_S
EL
0
0
0
0
0
0
AUX_A
UX2_S
EL
AUX_A
UX1_S
EL
0000h
R63 (3Fh)
AuxADC Config
0
0
0
0
0
0
AUX_A
UX1_F
ILTB
AUX_B
ATT_S
CALE
0
0
0
0
0
0
AUX_A
UX2_R
EF
AUX_A
UX1_R
EF
0100h
R64 (40h)
SE Config Selection
0
0
0
0
0
0
0
0
0
0
0
0
SE_CONFIG[3:0]
0000h
R65 (41h)
SE1_LHPF_CONFIG
0
0
0
0
0
0
0
0
0
0
SE1_L
HPF_R
_SIGN
SE1_L
HPF_L
_SIGN
0
0
SE1_L
HPF_R
_ENA
SE1_L
HPF_L
_ENA
0000h
R66 (42h)
SE1_LHPF_L
SE1_LHPF_L[15:0]
0000h
R67 (43h)
SE1_LHPF_R
SE1_LHPF_R[15:0]
0000h
R68 (44h)
SE1_3D_CONFIG
0
0
0
SE1_3
D_MO
NO
0
0
SE1_3
D_R_S
IGN
SE1_3
D_L_SI
GN
SE1_3
D_LHP
F_R_E
NA
SE1_3
D_LHP
F_L_E
NA
SE1_3
D_R_L
HPF_S
IGN
SE1_3
D_L_L
HPF_S
IGN
0
0
SE1_3
D_R_E
NA
SE1_3
D_L_E
NA
0000h
R69 (45h)
SE1_3D_L
0
0
SE1_3D_L_DELAY[2:0] SE1_3D_L_CUTOFF[2:
SE1_3D_L_CGAIN[3:0]
SE1_3D_L_FGAIN[3:0]
0408h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com