Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960CGEFL/RV Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/RV
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/RV Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
1
Thermal Shutdown Enable
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
(TSENSEN must be enabled for this
function to work)
R48 (30h)
Additional
Control (4)
1
TSENSEN
1
Temperature Sensor Enable
0 = Temperature sensor disabled
1 = Temperature sensor enabled
Table 31 Thermal Shutdown
GENERAL PURPOSE INPUT/OUTPUT
The WM8960 has three dual purpose input/output pins.
LINPUT3/JD2: Analogue input or headphone detect input.
RINPUT3/JD3: Analogue input or headphone detect input.
ADCLRC/GPIO1: ADC left/right frame clock or GPIO pin.
The ADCLRC/GPIO1 pin can be configured as a left/right frame clock for the ADC, a headphone
detect input, or one of a number of GPIO output functions as shown in Table 32.
The default configuration for the LINPUT3 and RINPUT2 pins is to be analogue inputs. The default
configuration for the ADCLRC/GPIO1 pin is to be the ADC left/right frame clock.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface (2)
6
ALRCGPIO
0
ADCLRC/GPIO1 Pin Function Select
0 = ADCLRC frame clock for ADC
1 = GPIO pin
R48 (30h)
Additional
Control (4)
6:4
GPIOSEL
[2:0]
000
ADCLRC/GPIO1 GPIO Function Select:
000 = Jack detect input
001 = Reserved
010 = Temperature ok
011 = Debounced jack detect output
100 = SYSCLK output
101 = PLL lock
110 = Logic 0
111 = Logic 1
7
GPIOPOL
0
GPIO Polarity Invert
0 = Non inverted
1 = Inverted
R52 (34h)
Clocking (2)
8:6
OPCLKDIV
[2:0]
000
SYSCLK Output to GPIO Clock Division
ratio
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 5.5
101 = SYSCLK / 6
Table 32 GPIO Control
Slow clock must be enabled (TOEN = 1) when using the jack detect function. This slow clock is used
to debounce the jack detect input. The debounce period can be selected using TOCLKSEL.
The temperature sensor must be enabled for the "Temperature ok" GPIO output to function properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com