Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/RV Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/RV
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/RV Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8961GEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control 1
6:5
ADCPOL[1:0]
00
ADC Data invert
00 : Both Channels normal polarity
01 : Left Channel Inverted
10 : Right Channel Inverted
11 : Both Channels Inverted
3
DACMU
1
Digital DAC mute
2:1
DEEMPH[1:0]
00
DAC De-emphasis Filter Control
00: no de-emphasis
01: De-emphasis for 32kHz sample rate
10: De-emphasis for 44.1kHz sample rate
11: De-emphasis for 48kHz sample rate
0
ADCHPD
0
Disables high pass filter
Register 05h ADC and DAC Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC and DAC
Control 2
8:7
ADC_HPF_CUT[1:0]
00
ADC High Pass Filter Cutoff
00: Hi-fi mode (fc=4Hz at fs=48kHz)
01: Voice mode 1 (fc=127 at fs=16kHz)
10: Voice mode 2 (fc=130 at fs=8kHz)
11: Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate. See Table 14 for cut-off
frequencies at all supported sample rates)
6:5
DACPOL[1:0]
00
DAC Data invert
00 : Both Channels normal polarity
01 : Left Channel Inverted
10 : Right Channel Inverted
11 : Both Channels Inverted
3
DACSMM
0
0=No soft mute
1=slow volume ramp when DAC muted/un-muted.
2
DACMR
0
Select fast or slow volume ramp up and down
0: Fast Ramp Rate (24kHz at fs=48k, providing maximum delay of
10.7ms)
1: Slow ramp rate (1.5kHz at fs=48kHz, providing maximum delay of
171ms)
1
DACSLOPE
0
Sloping stop band enable
0
DAC_OSR128
0
DAC 128 Over Sampling Rate
0: 64x DAC oversampling
1: If MANUAL_MODE=0, automatically configure DACDIV[2:0] for
128OSR mode. This will give a SNR improvement at the expense of
power
Register 06h ADC and DAC Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com