Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8224 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
9
GENERAL CHARACTERISTICS
Test Conditions
AVDD = DVDD = 3.3V, AGND = DGND = 0V, TA = 25C
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
References
Upper reference voltage
VRT
LOWREFS=0
LOWREFS=1
2.05
1.85
V
V
Lower reference voltage
VRB
LOWREFS=0
LOWREFS=1
1.05
1.25
V
V
Input return bias voltage
VRX
1.25
V
Diff. Reference voltage (VRT-
VRB)
VRTB
LOWREFS=0
LOWREFS=1
1.0
0.6
V
V
Output resistance VRT, VRB, VRX
1

VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
50

VRLC short-circuit current
2
mA
VRLC output resistance
2
VRLC Hi-Z leakage current
VRLC = 0 to AVDD
1
A
RLCDAC resolution
4
bits
RLCDAC step size
VRLCSTEP
RLCDACRNG=0,
0.173
V/step
VRLCSTEP
RLCDACRNG=1,
LOWREFS=0
0.11
V/step
VRLCSTEP
RLCDACRNG=1,
LOWREFS=1
0.097
V/step
RLCDAC output voltage at
code 0(hex)
VRLCBOT
RLCDACRNG=0,
RLCDAC[3:0]=0000,
0.4
V
VRLCBOT
RLCDACRNG=1,
RLCDAC[3:0]=0000,
0.4
V
RLCDAC output voltage at
code F(hex)
VRLCTOP
RLCDACRNG=0,
RLCDAC[3:0]=1111,
3.0
V
VRLCTOP
RLCDACRNG=1,
RLCDAC[3:0]=1111,
LOWREFS = 0
2.05
V
VRLCTOP
RLCDACRNG=1,
RLCDAC[3:0]=1111,
LOWREFS = 1
1.85
V
VRLC DNL
-0.5
+0.5
LSB
VRLC INL
-0.5
+0.5
LSB
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.75
1
LSB
Step size
2.04
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-250
+250
mV
mV
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.7
DVDD
V
Low level input voltage
VIL
0.2
DVDD
V
High level input current
IIH
1
A
Low level input current
IIL
1
A
Input capacitance
CI
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com