Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8233GEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8233GEFL/V
Description  70MSPS 6-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8233GEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8233GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8233GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
WM8233
Product Brief
w
Product Brief, Rev 3.0, February 2012
10
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V , AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 35MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
CMOS Outputs
High level output voltage
VOH
IOH = 6mA
AVDD
– 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
A
TG Outputs
High level output voltage
VOHTG
IOH = 1mA
AVDD
– 0.5
V
Low level output voltage
VOLTG
IOL = 1mA
0.5
V
High impedance output current
IOZTG
Grounded
1
A
Digital IO Pins
Applied high level input voltage
VIH
0.7
AVDD
V
Applied low level input voltage
VIL
0.2
AVDD
V
High level output voltage
VOH
IOH = 1mA
AVDD
– 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
A
High level input current
IIH
1
A
Input capacitance
CI
5
pF
Output Impedance
Ro
Io = 1mA
38
Ω
High impedance output current
IOZ
1
A
LVDS Outputs
Differential load impedance
RL
90
100
110
Ω
Differential steady-state output
voltage magnitude
|VOD|
RL=100Ω
280
450
mV
Change in the steady-state
differential output voltage
magnitude between opposite
binary states
Δ|VOD|
RL=100Ω
15
mV
Steady-state common-mode
output voltage
VOC(SS)
RL=100Ω
1.25
V
Peak-to-peak common-mode
output
VOC(PP)
20
50
mV
Short-circuit output current
IOS
–6
6
mA
High-impedance state output
current
IOZ
–10
10
uA
Supply Currents
SF_INP=0, SF_VRLC=0
350
mA
SF_INP=1, SF_VRLC=1
390
mA
Total supply current
 full power
down mode
1.0
mA
Notes:
1.
Full-scale input voltage
denotes the differential input signal amplitude (VIN-VRLC in non-CDS mode, VIN-RESET
level in CDS mode) that can be gained to match the ADC full-scale input range.
2.
Input signal limits
are the limits within which each input voltage and VRLC reference must lie.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com