Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8235
Description  70MSPS 9-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8235 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8235 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8235 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
WM8235
Product Brief
w
Product Brief, Rev 3.0, February 2012
15
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
PAGES
16/11/10
1.0
NB
First Release
ALL
24/11/10
1.0
JMacD
MSL1 changed to MSL3. /V added to part numbers
4
1.0
Reel quantity added, 2,200
4
1.0
Recommended Component Diagram – pin 12 label corrected (DSLCT2)
11
24/01/12
3.0
JMacD
Corrected DAC description 4-bit to 8bit
Corrected temperature range to -40
Corrected PGAFS characteristics
Corrected Supply currents
Added test conditions for TG output
1
4,7
8,9
10
10
01/02/12
3.0
JMacD
Update to Recommended External Component Values – (C9) 0.1uF
changed to 0.01uF
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com