Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8980CGEFL/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/V
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
23
Stereo Camcorder; The provision of two stereo microphone preamplifiers, allows support for both
internal and external microphones. All drivers for speaker, headphone and line output connections are
integrated. The selectable ‘application filters’ after the ADC provide for features such as ‘wind noise’
reduction, or mechanical noise reducing filters. The integrated video buffer allows direct connection
to a TV or VCR for both video and audio (via line outputs).
Stereo Digital still camera recording; Support for digital stereo video with audio recording is similar to
the camcorder case. But additionally if the DSC supports MP3 playback, and perhaps recording, the
ability of the ADCs to support full 48ks/s high quality stereo recording increases device flexibility. The
integrated video buffer allows direct connection to the TV for display of moving and still images.
Mono Digital still camera; Full control over device functionality, and power control is provided,
allowing for the case of mono DSC recording, when half of the ADC and mic and line functionality
may be disabled to save power. In the mono case, the single ADC channel of audio data is sent out
over the Left channel of the audio interface. In the case where DSP mode is used, and mono data is
being sent, only the signal channel of mono data is sent. The integrated video buffer allows direct
connection to the TV for display of moving and still images.
AUXILIARY ANALOGUE INPUTS
An analogue stereo FM tuner or other auxiliary analogue input can be connected to the Line inputs of
WM8980, and the stereo signal listened to via headphones, or recorded, simultaneously if required.
INPUT SIGNAL PATH
The WM8980 has a number of flexible analogue inputs. There are two input channels, Left and
Right, each of which consists of an input PGA stage followed by a boost/mix stage which drives into
the hi-fi ADC. Each input path has three input pins which can be configured in a variety of ways to
accommodate single-ended, differential or dual differential microphones. There are two auxiliary
input pins which can be fed into to the input boost/mix stage as well as driving into the output path. A
bypass path exists from the output of the boost/mix stage into the output left/right mixers.
MICROPHONE INPUTS
The WM8980 can accommodate a variety of microphone configurations including single ended and
differential inputs. The inputs to the left differential input PGA are LIN, LIP and L2. The inputs to the
right differential input PGA are RIN, RIP and R2.
In single-ended microphone input configuration the microphone signal should be input to LIN or RIN
and the internal NOR gate configured to clamp the non-inverting input of the input PGA to VMID.
In differential mode the larger signal should be input to LIP or RIP and the smaller (e.g. noisy ground
connection) should be input to LIN or RIN.
Figure 9 Microphone Input PGA Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com