Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8980CGEFL/RV Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/RV
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/RV Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
WM8980
Pre-Production
w
PP, Rev 3.8, May 2012
68
ENABLING THE OUTPUTS
Each analogue output of the WM8980 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8980 should remain disabled. The SLEEP bit should only be set on
to reduce residual device currents once all the other power management bits have been set to off.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0) or when BUFDCOP is disabled (BUFDCOPEN=0) when configured in output boost
mode, as this may cause pop noise (see “Power Management” and “Applications Information”
sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
Management
1
2
BUFIOEN
0
Unused input/output tie off buffer enable
6
OUT3MIXEN
0
OUT3 mixer enable
7
OUT4MIXEN
0
OUT4 mixer enable
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
R2
Power
Management
2
8
ROUT1EN
0
ROUT1 output enable
2
7
LOUT1EN
0
LOUT1 output enable
2
6
SLEEP
0
0 = normal device operation
1 = residual current reduced in device
standby mode
R3
Power
Management
3
2
LMIXEN
0
Left mixer enable
3
RMIXEN
0
Right mixer enable
4
VBUFEN
0
Video buffer enable
5
ROUT2EN
0
ROUT2 output enable
2
6
LOUT2EN
0
LOUT2 output enable
2
7
OUT3EN
0
OUT3 enable
2
8
OUT4EN
0
OUT4 enable
2
Table 50 Output Stages Power Management Control
Notes:
All “Enable” bits are 1 = ON, 0 = OFF
Disabling the outputs does not automatically mute the output mixers. To avoid pop noise, it is
recommended that the relevant mixer is muted before disabling outputs.
THERMAL SHUTDOWN
The speaker outputs can drive very large currents. To protect the WM8980 from overheating a
thermal shutdown circuit is included.
The thermal shutdown can be configured to produce an
interrupt when the device reaches approximately 125
oC. See General Purpose Input/Output section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output
control
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 51 Thermal Shutdown
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (either
AVDD/2 or 1.5xAVDD/2 as appropriate) through a resistor. This helps to prevent pop noise when the
output is re-enabled. The resistance between the voltage buffer and the output pins can be controlled
using the VROI control bit. The default impedance is low, so that any capacitors on the outputs can
charge up quickly at start-up. If a high impedance is desired for disabled outputs, VROI can then be
set to 1, increasing the resistance to about 30k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com