Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/RV Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/RV
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/RV Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8983GEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Clock
Generation
Control
0
MS
0
Sets the chip to be master over LRC and
BCLK
0=BCLK and LRC clock are inputs
(Slave mode)
1=BCLK and LRC clock are outputs
generated by the WM8983 (Master
mode)
4:2
BCLKDIV
000
Configures the BCLK and LRC output
frequency, for use when the chip is in
Master mode.
000=divide by 1 (BCLK=SYSCLK)
001=divide by 2 (BCLK=SYSCLK/2)
010=divide by 4
011=divide by 8
100=divide by 16
101=divide by 32
110=reserved
111=reserved
7:5
MCLKDIV
010
Sets the division for either the MCLK or
PLL clock output (selected by CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2 (LRC=SYSCLK/256)
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0=MCLK
1=PLL output
Table 56 Clock Control
The CKLSEL bit selects the internal source of the Master clock from the PLL (CLKSEL=1) or from
MCLK (CLKSEL=0). When the internal clock is switched from one source to another using the
CLKSEL bit, the clock originally selected must generate at least one falling edge after the CLKSEL
has changed for the switching of clocks to be successful. For example the sequence for switching
between the PLL and MCLK should be;
1.
Change CLKSEL 1 -> 0
2.
Wait for at least one falling edge from PLL generated clock
3.
Disable the PLL (PLLEN=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com