Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8985GEFL Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 13Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 14Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 15Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 16Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 17Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 18Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
15
POWER CONSUMPTION
Typical power consumption for various scenarios is shown below.
All measurements are made with quiescent signal.
Description
Off (Default Settings)
1.8 0.0002
1.8
0
2.5
0.01
2.5
0
0.03
1.8 0.0002
3.3
0
3
0.011
3
0
0.03
1.8 0.0002
3.3
0
3.3
0.012
3.3
0
0.04
3.3
0.006
3.3
0
3.3
0.011
3.3
0
0.06
3.6
0.008
3.6
0
3.6
0.012
3.6
0
0.07
Standby mode (Lowest Power)
1.8
0.002
1.8
0
2.5
0.117
2.5
0
0.30
1.8
0.002
3.3
0
3
0.138
3
0
0.42
1.8
0.002
3.3
0
3.3
0.149
3.3
0
0.50
3.3
0.006
3.3
0
3.3
0.149
3.3
0
0.51
3.6
0.008
3.6
0
3.6
0.157
3.6
0
0.59
DAC Playback 32Ω load
1.8
3.336
1.8
0.003
2.5
2.238
2.5
0.28
12.31
L/ROUT2 - Class AB Mode
1.8
3.336
3.3 0.0021
3
2.728
3
0.35
15.24
fs=44.1kHz
3.3
7.182
3.3 0.0021
3.3
3.025
3.3
0.39
34.98
3.6
8.098
3.6
0.025
3.6
3.325
3.6
0.44
42.80
ADC Stereo Line Record
1.8
3.57
1.8
0.013
2.5
4.76
2.5
0
18.35
fs=44.1kHz
1.8
3.57
3.3
0.013
2.7
4.967
3
0
19.88
3.3
7.603
3.3
0.026
3
5.272
3.3
0
40.99
3.6
8.529
3.6
0.027
3.3
5.578
3.6
0
49.21
Table 1 Power Consumption
Contact Wolfson for more information on device power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com