Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8985GEFL/R Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 84Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
81
AUDIO SAMPLE RATES
The WM8985 ADC high pass filter, ALC and DAC limiter characteristics are sample rate dependent.
SR should be set to the correct sample rate or the closest value if the actual sample rate is not
available.
If a sample rate that is not explicitly supported by the SR register settings is required then the
closest SR value to that sample rate should be chosen. The filter characteristics and the ALC attack
decay and hold times will scale appropriately.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional
Control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000 = 48kHz
001 = 32kHz
010 = 24kHz
011 = 16kHz
100 = 12kHz
101 = 8kHz
110-111 = reserved
Table 45 Sample Rate Control
MASTER CLOCK AND PHASE LOCKED LOOP (PLL)
The WM8985 has an on-chip phase-locked loop (PLL) circuit that can be used to:
Generate master clocks for the WM8985 audio functions from another external clock, e.g. in
telecoms applications.
Generate and output (on pin CSB/GPIO1) a clock for another part of the system that is derived from
an existing audio master clock.
Figure 38 shows the PLL and internal clocking on the WM8985.
The PLL can be enabled or disabled by the PLLEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
management 1
5
PLLEN
0
PLL enable
0 = PLL off
1 = PLL on
Table 46 PLLEN Control Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com